Part Number Hot Search : 
2SC5606 2222A C8118 A475K SBL164 120000 F06F150 IR3529
Product Description
Full Text Search
 

To Download TF1028S-801Y2R0-01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  (1/7) 001-03 / 20061108 / e97_uf_tf.fm ? all specifications are subject to change without notice. common mode choke coils(line filters) for signal line uf and tf series tdk?s compact type common mode choke coils are suitable for protecting telephone circuitry from interference such as radio broadcasts or noise conducted from the dc side of an ac adapter. features  compact size and lightweight.  high reduction over a wide range of frequencies. product identification (1) core shape uf: u-type core tf: toroidal core (2) dimensional code width depth (3) external shape code v: vertical type h: horizontal type (4) high material (5) inductance value y example) 133:13mh (6) rated current value example) 3r0:3.0a (7) product management number selection chart ? handling power=(inductance value) (current) 2 . it is possible to design within the range below this value. [example] the coil for 2a can make even the inductance of 2.5mh or less a product for handling power 10. conformity to rohs directive uf v - ayr - 01 (1) (2) (3) (4) (5) (6) (7) series configuration type inductance value min. rated current (a) handling power ? l i 2 (mh a 2 ) weight (g)typ. minimum package quantity (pieces/box) uf two sections bobbin types uf1717vb 7, 15mh 0.15 to 0.3 0.3 4 640 uf1717hb 7, 15mh 0.15 to 0.3 0.3 4 480 tf compact tf0402s-01 7h 0.7 ? 0.14 5000 tf0804s 3 to 200h 1 to 1.6 ? 2 1000 tf0402b 13h 0.5 ? 0.35 1680 tf0804b 25h 0.5 ? 2 1800 tf0804v 60h 1 ? 2 1200  conformity to rohs directive: this means that, in conformity with eu directive 2002/95/ec, lead, cadmium, mercury, hexavalent chromium, and specific bromine-based flame retardants, pbb and pbde, have not been used, except for exempted applications.
(2/7) 001-03 / 20061108 / e97_uf_tf.fm  all specifications are subject to change without notice. compact and separable bobbin type uf series uf1717vb/uf1717hb types shapes and dimensions/circuit diagram uf1717vb uf1717hb typical electrical characteristics impedance vs. frequency characteristics electrical characteristics (standard line up)  measuring equipment of inductance value: lcr meter(hp4261a, hp4263b or equivalent)[f=1khz] packaging quantities y ratings ? pb free solder(sn-3ag-0.5cu) weight: 4g typ. recommended hole diameter: ?0.9 dimensions in mm 14 23 11max. 17max. ?0.6 4 1 8 0.5 7 0.5 17.5max. 1 4 23 15.5max. 12.5max. ?0.6 4 1 8 0.5 7 0.5 17.5max. l 2 4 3 l 1 1 2 1000 100 10 1 0.1 0.01 0.1 1 10 100 impedance ( k ? ) frequency ( mhz ) 702 153 part no. inductance (mh)min. dc resistance ( ? )max. rated current iac(a)max. uf1717vb-153yr15-01 15 5 0.15 uf1717vb-702y0r3-01 7 2.5 0.3 uf1717hb-153yr15-01 15 5 0.15 uf1717hb-702y0r3-01 7 2.5 0.3 uf1717vb 640pieces/box uf1717hb 480pieces/box item standard value conditions rated voltage(v) 50 50hz/60hz insulation resistance (m ? ) 100min. between each winding for dc.500v temperature rise(c) 45max. with line resistance operating temperature range(c) ?20 to +105 including self-temperature rise storage temperature range(c) ?20 to +60 resistance to soldering tenperature ? 2605c, 101sec solder bath method 3505c, 5sec max. soldering iron method
(3/7) 001-03 / 20061108 / e97_uf_tf.fm  all specifications are subject to change without notice. small toroidal core type tf series tf0420s-01 type shapes and dimensions/circuit diagram typical electrical characteristics impedance vs. frequency characteristics electrical characteristics (standard line up)  measuring equipment of inductance value: lcr meter(hp4261a, hp4263b or equivalent)[f=1khz] packaging quantities y ratings ? pb free solder(sn-3ag-0.5cu) ? 0.3 3max. ?6.5max. 4.5max. 10max. weight: 0.14g typ. recommended hole diameter: ?0.6 dimensions in mm 1 0.1 0.01 0.001 0.0001 0.01 0.1 1 10 100 impedance ( k ? ) frequency ( mhz ) part no. inductance (h)min. dc resistance ( ? )max. rated current iac(a)max. tf0402s-01 7 0.019 0.7 tf0402s-01 5000pieces/box item standard value conditions rated voltage(v) 80 to 280 50hz/60hz temperature rise(c) 45max. with line resistance operating temperature range(c) ?20 to +120 including self-temperature rise storage temperature range(c) ?20 to +85 resistance to soldering tenperature ? 2605c, 101sec solder bath method 3505c, 5sec max. soldering iron method
(4/7) 001-03 / 20061108 / e97_uf_tf.fm  all specifications are subject to change without notice. tf0804s type shapes and dimensions/circuit diagram tf0804s-201y1r6-01 tf0804s-01 typical electrical characteristics impedance vs. frequency characteristics electrical characteristics (standard line up) ? core: coat type  measuring equipment of inductance value: lcr meter(hp4261a, hp4263b or equivalent)[f=1khz] packaging quantities y ratings ? pb free solder(sn-3ag-0.5cu) 2 1 3 4 2 1 3 4 ? 0.4 3max. ?10max. 15 3 6max. ? 0.4 4max. ?11max. 10 2 7max. 2 1 3 4 ? 0.4 3max. ?10max. 10 3 6max. 4 2 1 3 l 1 l 2 weight: 2g typ. recommended hole diameter: ?0.7 dimensions in mm tf0804s-02 1 10 0.1 0.01 0.001 0.0001 0.01 0.1 1 10 100 impedance ( k ? ) frequency ( mhz ) tf0804s-201y1r6 tf0804s-01 tf0804s-02 part no. inductance (h)min. dc resistance ( ? )max. rated current iac(a)max. tf0804s-201y1r6-01 ? 200 0.025 1.6 tf0804s-01 3 0.05 1 tf0804s-02 60 0.036 1 tf0804s 1000pieces/box item standard value conditions rated voltage(v) 80 to 280 50hz/60hz temperature rise(c) 45max. with line resistance operating temperature range(c) ?20 to +120 including self-temperature rise storage temperature range(c) ?20 to +85 resistance to soldering tenperature ? 2605c, 101sec solder bath method 3505c, 5sec max. soldering iron method
(5/7) 001-03 / 20061108 / e97_uf_tf.fm  all specifications are subject to change without notice. tf0402b type shapes and dimensions/circuit diagram tf0402b-04p-03 tf0402b-05p-01 tf0402b-05p-03 typical electrical characteristics impedance vs. frequency characteristics electrical characteristics (standard line up)  measuring equipment of inductance value: lcr meter(hp4261a, hp4263b or equivalent)[f=1khz] packaging quantities y ratings ? pb free solder(sn-3ag-0.5cu) 10max. 6.1max. 3.5 0.5 8max. 5.0 0.5 1 4 2 3 4 2 1 3 l 1 l 2 7.5max. 4.5 7.5max. (3) 2.25 2.25 ?0.5 1 2 3 4 6 7max. weight: 3.5g typ. recommended hole diameter: ?0.9 dimensions in mm 4 2 1 3 l 1 l 2 3 5 1 123 54 4 l 1 l 2 5.5 max. 3.5 0.2 6max. 3.5 0.2 5.5max. 3 0.5 5-?0.5 dimensions in mm 1 0.1 0.01 0.001 0.01 0.1 1 10 100 impedance ( k ? ) frequency ( mhz ) part no. inductance (h)min. dc resistance (m ? )max. rated current iac(a)max. tf0402b-04p-03 13 45 0.5 tf0402b-05p-01 13 45 0.5 tf0402b-05p-03 13 45 0.5 tf0402b-04p-03 1680pieces/box tf0402b-05p-01 1680pieces/box tf0402b-05p-03 3520pieces/box item standard value conditions rated voltage(v) 80 to 280 50hz/60hz temperature rise(c) 45max. with line resistance operating temperature range(c) ?20 to +120 including self-temperature rise storage temperature range(c) ?20 to +85 resistance to soldering tenperature ? 2605c, 101sec solder bath method 3505c, 5sec max. soldering iron method
(6/7) 001-03 / 20061108 / e97_uf_tf.fm  all specifications are subject to change without notice. tf0804b type shapes and dimensions/circuit diagram typical electrical characteristics impedance vs. frequency characteristics electrical characteristics (standard line up)  measuring equipment of inductance value: lcr meter(hp4261a, hp4263b or equivalent)[f=1khz] packaging quantities y ratings ? pb free solder(sn-3ag-0.5cu) 11max. ?0.7 2.54 0.5 7.62 0.5 3.5 1 2 18 7 l 1 l 2 13max. 13max. l 3 l 4 36 45 1 3 4 8 6 7 5 2 weight: 2g typ. recommended hole diameter: ?1.1 dimensions in mm 10 1 0.1 0.01 0.001 0.01 0.1 1 10 100 impedance ( k ? ) frequency ( mhz ) part no. inductance (h)min. dc resistance ( ? )max. rated current iac(a)max. tf0804b-08p-01 25 0.1 0.5 tf0804b 1800pieces/box item standard value conditions rated voltage(v) 80 to 280 50hz/60hz temperature rise(c) 45max. with line resistance operating temperature range(c) ?20 to +120 including self-temperature rise storage temperature range(c) ?20 to +85 resistance to soldering tenperature ? 2605c, 101sec solder bath method 3505c, 5sec max. soldering iron method
(7/7) 001-03 / 20061108 / e97_uf_tf.fm  all specifications are subject to change without notice. tf0804v type shapes and dimensions/circuit diagram typical electrical characteristics impedance vs. frequency characteristics electrical characteristics (standard line up)  measuring equipment of inductance value: lcr meter(hp4261a, hp4263b or equivalent)[f=1khz] packaging quantities y ratings ? pb free solder(sn-3ag-0.5cu) 13max. 3 1 14max. ?0.6 7.52 0.5 8.5max. 5.08 0.5 4 2 1 3 l 1 l 2 weight: 2g typ. recommended hole diameter: ?0.9 dimensions in mm 14 23 10 1 0.1 0.01 0.001 0.01 0.1 1 10 100 impedance ( k ? ) frequency ( mhz ) part no. inductance (h)min. dc resistance ( ? )max. rated current iac(a)max. tf0804v-04p-11 60 0.036 1 tf0804v 1200pieces/box item standard value conditions rated voltage(v) 80 to 280 50hz/60hz temperature rise(c) 45max. with line resistance operating temperature range(c) ?20 to +120 including self-temperature rise storage temperature range(c) ?20 to +85 resistance to soldering tenperature ? 2605c, 101sec solder bath method 3505c, 5sec max. soldering iron method


▲Up To Search▲   

 
Price & Availability of TF1028S-801Y2R0-01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X